Part Number Hot Search : 
25MHZ MC10H302 MB110 2S09655 KTC812 2N5679 RMK816N 29LV160
Product Description
Full Text Search
 

To Download B32343 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Capacitors for Power Factor Correction PhiCap; Metallized Polypropylene Film Capacitor; 3-Phase
Preliminary data Features Dieletric Resin filling Safety device Case Mounting and grounding Cooling Degree of protection Terminals
B32343 / B32344
Polypropylene film Non-PCB, soft polyurethane Overpressure disconnector, self-healing technology Extruded round aluminum can with stud Threaded M8 (O 53 mm) / M12 stud on bottom of can Naturally air-cooled (or forced air cooling) Indoor mounting (optionally with cap for IP32) Series B32343 - 6.3 mm fast-on terminals Series B32344 - Sigut terminal Three-phase delta-connected and provided with discharge resistors
Characteristics Rated capacitance CN and QN Tolerance Rated voltage UN Rated frequency fR Maximum ratings Maximum permissible voltage Umax Maximum permissible current Imax Maximum transient inrush current Power dissipation Test data AC test voltage terminal-to-terminal Insulation voltage between terminals and container Dissipation factor tan at 50 Hz Climatic category -25/D Lower category temperature Tmin Upper category temperature Tmax Maximum permissible humidity Maximum permissible altitude Life expectancy
Reference standards IEC 831 - 1 / 2 and IS:2834 According to specification table
-5% / +10%
According to specification table
50 and 60 Hz
1.1 x UN for a maximum of 8 h daily 1.2 x UN (up to 5 min) and 1.3 x UN (up to 1 min) 1.5 x IN 200 x IN 0.35 W / kVAr
2.15 x UN, 2s 3000 Vac, 10s 6.0 x 10-4
-25C +55C 95% 4000 m above sea level > 100,000 operating hours
FK PM PFC Page 1 of 7
24. Feb. 2003
Capacitors for Power Factor Correction PhiCap; Metallized Polypropylene Film Capacitor; 3-Phase
Preliminary data Specification table and ordering codes Rated voltage 230 V Type Output kvar at 50 Hz MKP230-D-0.5 MKP230-D-0.7 MKP230-D-1.0 MKP230-D-1.5 MKP230-D-2.5 MKP230-D-5.0 MKP230-D-7.5 MKP230-D-10.0 0.5 0.7 1.0 1.5 2.5 5.0 7.5 10.0
B32343 / B32344
Output kvar at 60 Hz 0.60 0.90 1.20 1.80 3.00 6.00 9.00 12.00
Capacitance F 3x
dxh mm
Weight kg
Ordering code
10.0 53 x 114 15.0 53 x 114 20.0 63.5 x 129 30.0 63.5 x 129 50.0 79.5 x 195 100.0 89.5 x 270 150.0 89.5 x 270 200.0 89.5 x 345
0.3 B32343C2002A530 0.3 B32343C2002A730 0.3 B32343C2012A030 0.4 B32343C2012A530 0.6 B32344C2022A530 1.7 B32344C2052A030 2.1 B32344C2072A530 2.1 B32344C2102A030
Rated voltage 400 V Type Output kvar at 50 Hz MKP400-D-1.0 MKP400-D-1.5 MKP400-D-2.0 MKP400-D-2.5 MKP400-D-5.0 MKP400-D-6.3 MKP400-D-7.5 MKP400-D-8.3 MKP400-D-10.0 MKP400-D-12.5 1.0 1.5 2.0 2.5 5.0 6.3 7.5 8.3 10.0 12.5
Output kvar at 60 Hz 1.20 1.80 2.40 3.00 6.00 7.50 9.00 10.00 12.00 15.00
Capacitance F 3x
dxh mm
Weight kg
Ordering code
7.0 53 x 114 10.0 53 x 114 14.0 63.5 x 129 17.0 63.5 x 129 34.0 63.5 x 129 42.0 79.5 x 195 50.0 79.5 x 195 55.0 79.5 x 195 66.5 79.5 x 195 83.0 89.5 x 270
0.3 B32343C4012A000 0.3 B32343C4012A500 0.4 B32343C4022A000 0.4 B32343C4022A500 0.4 B32343C4052A000 0.6 B32344C4071A500 0.9 B32344C4072A500 0.9 B32344C4101A000 0.9 B32344C4102A000 1.3 B32344C4122A500
FK PM PFC Page 2 of 7
24. Feb. 2003
Capacitors for Power Factor Correction PhiCap; Metallized Polypropylene Film Capacitor; 3-Phase
Preliminary data MKP400-D-15.0 MKP400-D-20.0 MKP400-D-25.0 15.0 20.0 25.0 18.00 24.00 -99.5 89.5 x 270 132.5 89.5 x 345 166.0 89.5 x 345
B32343 / B32344
1.7 B32344C4152A000 2.1 B32344C4202A000 2.1 B32344C4252A000
Rated voltage 415 V Type Output kvar at 50 Hz MKP415-D-1.0 MKP415-D-1.5 MKP415-D-2.0 MKP415-D-2.5 MKP415-D-5.0 MKP415-D-6.3 MKP415-D-7.5 MKP415-D-10.0 MKP415-D-12.5 MKP415-D-15.0 MKP415-D-20.0 MKP415-D-25.0 1.0 1.5 2.0 2.5 5.0 6.3 7.5 10.0 12.5 15.0 20.0 25.0
Output kvar at 60 Hz 1.20 1.80 2.40 3.00 6.00 7.50 9.00 12.00 15.00 18.00 24.00 30.00
Capacitance F 3x
dxh mm
Weight kg
Ordering code
6.0 53 x 114 9.0 53 x 114 12.5 53 x 114 15.5 63.5 x 129 31.0 63.5 x 154 39.0 79.5 x 195 46.0 79.5 x 195 61.5 79.5 x 195 77.0 89.5 x 270 92.5 89.5 x 270 123.0 89.5 x 345 154.0 89.5 x 345
0.3 B32343C4012A010 0.3 B32343C4012A510 0.4 B32343C4022A010 0.4 B32343C4022A510 0.4 B32343C4052A010 0.6 B32344C4071A510 0.9 B32344C4072A510 0.8 B32344C4102A010 1.3 B32344C4122A510 1.3 B32344C4152A010 2.1 B32344C4202A010 2.1 B32344C4252A010
FK PM PFC Page 3 of 7
24. Feb. 2003
Capacitors for Power Factor Correction PhiCap; Metallized Polypropylene Film Capacitor; 3-Phase
Preliminary data
B32343 / B32344
Rated voltage 440 V Type Output kvar at 50 Hz MKP440-D-0.9 MKP440-D-1.0 MKP440-D-1.2 MKP440-D-1.5 MKP440-D-2.1 MKP440-D-2.5 MKP440-D-4.2 MKP440-D-5.0 MKP440-D-6.3 MKP440-D-7.5 MKP440-D-8.3 MKP440-D-10 MKP440-D-10.4 MKP440-D-12.5 MKP440-D-15.0 MKP440-D-16.7 MKP440-D-20.8 MKP440-D-25.0 0.9 1.0 1.2 1.5 2.1 2.5 4.2 5.0 6.3 7.5 8.3 10.0 10.4 12.5 15.0 16.7 20.8 25.0
Output kvar at 60 Hz 1.00 1.20 1.50 1.70 2.50 3.00 5.00 6.00 7.50 9.00 10.00 12.00 12.50 15.00 18.00 20.00 25.00 30.00
Capacitance F 3x
dxh mm
Weight kg
Ordering code
5.0 53 x 114 5.5 53 x 114 7.0 53 x 114 8.0 53 x 114 11.5 53 x 114 13.5 63.5 x 129 23.0 63.5 x 129 27.5 63.5 x 154 34.0 79.5 x 195 41.0 79.5 x 195 45.5 79.5 x 195 55.0 79.5 x 230 57.0 89.5 x 270 68.5 89.5 x 270 82.0 89.5 x 270 91.5 89.5 x 345 114.0 89.5 x 345 138.0 94 x 345
0.3 B32343C4011A040 0.3 B32343C4012A040 0.3 B32343C4011A540 0.3 B32343C4012A540 0.4 B32343C4021A540 0.3 B32343C4022A540 0.4 B32343C4051A040 0.5 B32343C4052A040 0.7 B32344C4071A540 0.8 B32344C4072A540 0.9 B32344C4101A040 1.1 B32344C4102A040 1.7 B32344C4121A540 1.7 B32344C4151A040 1.7 B32344C4152A040 2.1 B32344C4201A040 2.1 B32344C4251A040 2.1 B32344C4252A040
FK PM PFC Page 4 of 7
24. Feb. 2003
Capacitors for Power Factor Correction PhiCap; Metallized Polypropylene Film Capacitor; 3-Phase
Preliminary data
B32343 / B32344
Rated voltage 480 V Type Output kvar at 50 Hz MKP-D-480-1.0 MKP-D-480-1.5 MKP-D-480-2.0 MKP-D-480-2.5 MKP-D-480-5.0 MKP-D-480-6.3 MKP-D-480-7.5 MKP-D-480-8.3 MKP-D-480-10.4 MKP-D-480-12.5 MKP-D-480-15.0 MKP-D-480-16.7 MKP-D-480-20.8 1.0 1.5 2.0 2.5 5.0 6.3 7.5 8.3 10.4 12.5 15.0 16.7 20.8
Output kvar at 60 Hz 1.20 1.80 2.40 3.00 6.00 7.50 8.90 10.00 12.50 15.00 18.00 20.00 25.00
Capacitance F 3x
dxh mm
Weight kg
Ordering code
4.5 53 x 114 7.0 63.5 x 129 9.0 63.5 x 129 11.5 63.5 x 129 23.0 79.5 x 195 29.0 89.5 x 270 34.5 89.5 x 270 28.5 89.5 x 270 48.0 89.5 x 345 57.5 89.5 x 345 69.0 89.5 x 345 77.0 89.5 x 345 96.0 89.5 x 345
0.4 B32343C4012A080 0.4 B32343C4012A580 0.4 B32343C4022A080 0.4 B32343C4022A580 0.8 B32344C4052A080 0.8 B32344C4071A580 0.8 B32344C4072A580 0.8 B32344C4101A080 2.1 B32344C4121A580 2.1 B32344C4151A080 1.7 B32344C4152A080 1.8 B32344C4162A780 2.0 B32344C4202A080
FK PM PFC Page 5 of 7
24. Feb. 2003
Capacitors for Power Factor Correction PhiCap; Metallized Polypropylene Film Capacitor; 3-Phase
Preliminary data
B32343 / B32344
Rated voltage 525 V Type Output kvar at 50 Hz MKP525-D-1.0 MKP525-D-1.5 MKP525-D-2.0 MKP525-D-2.5 MKP525-D-6.5 MKP525-D-6.3 MKP525-D-8.3 MKP525-D-10.4 MKP525-D-12.5 MKP525-D-16.7 MKP525-D-20.0 MKP525-D-25.0 1.0 1.5 2.0 2.5 5.0 6.3 8.3 10.4 12.5 16.7 20.0 25.0
Output kvar at 60 Hz 1.20 1.80 2.40 2.70 6.00 7.50 10.00 12.50 15.00 20.00 25.00 30.00
Capacitance F 3x
dxh mm
Weight kg
Ordering code
4.0 53 x 114 5.5 53 x 114 7.5 63.5 x 129 9.5 63.5 x 129 19.2 79.5 x 195 24.0 79.5 x 195 32.0 89.5 x 270 40.0 89.5 x 345 48.0 89.5 x 345 64.0 89.5 x 345 80.0 89.5 x 345 96.0 89.5 x 345
0.3 B32343C5012A020 0.3 B32343C5012A520 0.4 B32343C5022A020 0.4 B32343C5022A520 0.8 B32344C5071A520 0.8 B32344C5071A520 0.8 B32344C5101A020 2.1 B32344C5121A520 2.1 B32344C5151A020 2.1 B32344C5201A020 2.1 B32344C5202A020 2.1 B32344C5202A020
FK PM PFC Page 6 of 7
24. Feb. 2003
Capacitors for Power Factor Correction PhiCap; Metallized Polypropylene Film Capacitor; 3-Phase
Preliminary data
B32343 / B32344
Drawings B32343 B32344
SIGUT terminal
Expansion to h 3 +
h +40
h 3
Marking
d1
16+1
M12
Torque T = 10 Nm
Tightening torque = 1.2 Nm
16.80.5
d 1 19.60.5
KLK1714-X-E
EPCOS AG 2003. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.
FK PM PFC Page 7 of 7
24. Feb. 2003


▲Up To Search▲   

 
Price & Availability of B32343

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X